PART |
Description |
Maker |
CS8151D2G CS8151YDWFR16G CS8151D2R2G CS8151YDWF16G |
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16 5 V, 100 mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14
|
ON Semiconductor
|
LT1175_05 LT1175 LT1175CN8 LT1175CN8-5 LT1175CQ LT |
500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 3.743 V-3.857 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINER[Linear Technology] LINEAR TECHNOLOGY CORP
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
NCV551SN25T1G |
150 mA CMOS Low Iq Low−Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
ON Semiconductor
|
LT1585ACT-3.3PBF LT1585A-3.3-15 |
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Linear Technology, Corp.
|
OM7670SM OM7670ST OM7671ST OM7671SM OM7670 OM7670N |
1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
LT1085IM-3.6 LT1085-FIXED LT1083-FIXED LT1085CT-12 |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 Positive Fixed Voltage Regulator 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
|
Linear Technology, Corp.
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
LX8384X-XX LX8384B-XXCP LX8384_84A_84B-00 LX8384_8 |
5A Low Dropout Positive Regulators 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 µP Supervisory with Manual Reset and Watchdog - Active-High Push/Pull, TH: 2.93V, SOT23 5-pin µP Supervisory with Manual Reset and Watchdog - Active-Low Open-Drain - TH: 2.93V, SOT23 5-pin 积极的固定电压稳压器 Quad Comparator Push/Pull Output, TSSOP-14 Analog IC Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|